Part Number Hot Search : 
IRHN7230 T111006 C220MC MC13025 D5032 MN3718AT MD87C51 PQ3RD083
Product Description
Full Text Search
 

To Download A31ASP12VDC1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 A3
* * * *
RoHS Compliant
28.5 x 28.5 x 26.5 (40.0) mm
Large switching capacity up to 80A PCB pin and quick connect mounting available Suitable for automobile and lamp accessories QS-9000, ISO-9002 Certified Manufacturing
Features
Contact Data
Contact Arrangement 1A = SPST N.O. 1B = SPST N.C. 1C = SPDT 1U = SPST N.O. (2 terminals) Contact Rating 1A 1B 1C 1U Standard 60A @ 14VDC 40A @ 14VDC 60A @ 14VDC N.O. 40A @ 14VDC N.C. 2x25A @ 14VDC Heavy Duty 80A @ 14VDC 70A @ 14VDC 80A @ 14VDC N.O. 70A @ 14VDC N.C. 2x25@ 14VDC Contact Resistance Contact Material Max Switching Power Max Switching Voltage Max Switching Current < 30 milliohms initial AgSnO2In2O3 1120W 75VDC
Dimensions shown in mm. Dimensions are shown for reference purposes only.
80A
Coil Data
Coil Voltage VDC Rated 6 12 24 Max 7.8 15.6 31.2 Coil Resistance +/- 10% 1.8W 20 80 320 Pick Up Voltage Release Voltage VDC (max) VDC (min) 70% of rated voltage 4.20 8.40 16.80 10% of rated voltage .6 1.2 2.4 1.80 7 5 Coil Power W Operate Time ms Release Time ms
General Data
Electrical Life @ rated load Mechanical Life Insulation Resistance Dielectric Strength, Coil to Contact Contact to Contact Shock Resistance Vibration Resistance Terminal (Copper Alloy) Strength Operating Temperature Storage Temperature Solderability Weight www.citrelay.com
phone - 763.535.2339 fax - 763.535.2194
100K cycles, typical 10M cycles, typical 100M min. @ 500VDC 500V rms min. @ sea level 500V rms min. @ sea level 147m/s2 for 11 ms 1.5mm double amplitude 10~40Hz 8N (quick connect), 4N (PCB pins) -40oC to +125oC -40oC to +155oC 260oC for 5 s 46g
Caution 1. The use of any coil voltage less than the rated coil voltage may compromise the operation of the relay.
Specifications and availability subject to change without notice.
page 80
A3
Ordering Information
1. Series A3 standard A3F with mounting flange A3M with metal bracket 2. Contact Arrangement 1A = SPST N.O. 1B = SPST N.C. 1C = SPDT 1U = SPST N.O. *only available with standard contacts 3. Sealing Option S = Sealed *Sealing only available with heavy duty contacts C = Dust Cover 4. Termination P = PCB Pins Q = Quick Connect 5. Coil Voltage 6VDC 12VDC 24VDC 6. Contacts 1 = Standard *Sockets for thes modesl can be found on the CIT Relay Socket catalog page 2 = Heavy Duty *We recommend the PR series socket from Custom Connector Corporation 7. Coil Suppression Blank = Standard D = Diode (1N4005) Cathode on "86" terminal R = Resistor (180 for 6VDC; 680 for 12VDC; 2700 for 2VDC) 2D = 2 Diodes (1N4005) DR = Diode & Resistor Cathode on "86" terminal (1N4005 & 180 for 6VDC; 680 for 12VDC; 2700 for 2VDC)
** Consult factory if other values are needed
A3F
1C
S
Q
24VDC
2
Specifications and availability subject to change without notice.
Dimensions A3
Dimensions shown in mm. Dimensions are shown for reference purposes only.
Units = mm
Standard contacts (1) with PC Pin
Standard contacts (1) with Quick Connect
Heavy Duty contacts (2) with PC Pins
page 81
Heavy Duty contacts (2) with Quick Connects www.citrelay.com
phone - 763.535.2339 fax - 763.535.2194
A3
Dimensions A3F
Units = mm
Dimensions shown in mm. Dimensions are shown for reference purposes only.
Standard contacts (1) with Quick Connect
Heavy Duty contacts (2) with Quick Connects
Dimensions A3M
Units = mm
Standard contacts (1) with Quick Connect
Heavy Duty contacts (2) with Quick Connects
Schematics, PC Pin Dimensions & PC Layouts
Bottom Views
Specifications and availability subject to change without notice.
1A
1B
1C www.citrelay.com
phone - 763.535.2339
1U
fax - 763.535.2194
page 82


▲Up To Search▲   

 
Price & Availability of A31ASP12VDC1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X